PART |
Description |
Maker |
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
PDTA144W PDTA144WU PDTA144WE PDTA144WE115 PDTA144W |
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ PNP resistor-equipped transistors; R1 = 47 k楼?, R2 = 22 k楼?
|
Aero-Electric Connector, Inc. NXP Semiconductors N.V.
|
2DB1424R-13 2DB1424R |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
DMJT9435-13 DMJT9435 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
MPS2925 2N2925 PN2905 2N2905 |
PNP SILICON PLANAR EPITAXIAL TRANSISTORS PNP SILICON TRANSITOR PNP SILICON TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
ZXT10P40DE6 ZXT10P40DE6TA ZXT10P40DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
ZXT10P12DE6 ZXT10P12DE6TA ZXT10P12DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1523 0090 |
PNP Epitaxial Planar Silicon Transistors Switching Applications (with Bias Resistance) From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|